Part Number Hot Search : 
NTE581 SD1602 DRS3110 SAA5291 RFHA1000 SK3595 ADS850 2SC1377
Product Description
Full Text Search
 

To Download 74AUP1G57GX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74aup1g57 low-power configurable multiple function gate rev. 8 23 february 2018 product data sheet 1 general description the 74aup1g57 provides configurable multiple functions. the output state is determined by eight patterns of 3-bit input. the user can choose the logic functions and, or, nand, nor, xnor, inverter, and buffer. all inputs can be connected to v cc or gnd. this device ensures a very low static and dynamic power consumption across the entire v cc range from 0.8 v to 3.6 v. this device is fully specified for partial power-down applications using i off . the i off circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. the 74aup1g57 has schmitt trigger inputs making it capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. the inputs switch at different points for positive and negative-going signals. the difference between the positive voltage v t+ and the negative voltage v t- is defined as the input hysteresis voltage v h . 2 features and benefits ? wide supply voltage range from 0.8 v to 3.6 v ? high noise immunity ? esd protection: C hbm jesd22-a114f exceeds 5000 v C mm jesd22-a115-a exceeds 200 v C cdm jesd22-c101e exceeds 1000 v ? low static power consumption; i cc = 0.9 a (maximum) ? latch-up performance exceeds 100 ma per jesd 78 class ii ? inputs accept voltages up to 3.6 v ? low noise overshoot and undershoot < 10 % of v cc ? i off circuitry provides partial power-down mode operation ? multiple package options ? specified from -40 c to +85 c and -40 c to +125 c downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 2 / 24 3 ordering information table 1.?ordering information package type number temperature range name description version 74aup1g57gw -40 c to +125 c sc-88 plastic surface-mounted package; 6 leads sot363 74aup1g57gm -40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm sot886 74aup1g57gf -40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm sot891 74aup1g57gn -40 c to +125 c xson6 extremely thin small outline package; no leads; 6 terminals; body 0.9 x 1.0 x 0.35 mm sot1115 74aup1g57gs -40 c to +125 c xson6 extremely thin small outline package; no leads; 6 terminals; body 1.0 x 1.0 x 0.35 mm sot1202 74AUP1G57GX -40 c to +125 c x2son6 plastic thermal extremely thin small outline package; no leads; 6 terminals; body 1 x 0.8 x 0.35 mm sot1255 4 marking table 2.?marking type number marking code [1] 74aup1g57gw ac 74aup1g57gm ac 74aup1g57gf ac 74aup1g57gn ac 74aup1g57gs ac 74AUP1G57GX ac [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5 functional diagram y c b a 6 1 3 4 001aab583 figure 1.? logic symbol downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 3 / 24 6 pinning information 6.1 pinning 74aup1g57 b c gnd a y 001aab591 1 2 3 6 v cc 5 4 figure 2.? pin configuration sot363 74aup1g57 gnd 001aab592 b a v cc c y transparent top view 23 1 54 6 figure 3.? pin configuration sot886 74aup1g57 gnd 001aae058 b a v cc c y transparent top view 23 1 54 6 figure 4.? pin configuration sot891, sot1115 and sot1202 6 v cc gnd 4 13 2 b c a y 5 74aup1g57 transparent top view aaa-019829 figure 5.? pin configuration sot1255 (x2son6) 6.2 pin description table 3.?pin description symbol pin description b 1 data input gnd 2 ground (0 v) a 3 data input y 4 data output v cc 5 supply voltage c 6 data input downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 4 / 24 7 functional description table 4.?function table h = high voltage level; l = low voltage level. input output c b a y l l l h l l h l l h l h l h h l h l l l h l h l h h l h h h h h 7.1 logic configurations table 5.?function selection table logic function figure 2-input and see figure 6 2-input and with both inputs inverted see figure 9 2-input nand with inverted input see figure 7 and figure 8 2-input or with inverted input see figure 7 and figure 8 2-input nor see figure 9 2-input nor with both inputs inverted see figure 6 2-input xnor see figure 10 inverter see figure 11 buffer see figure 12 001aab584 b b 6 y c 1 5 2 4 3 y y c b c v cc figure 6.? 2-input and gate or 2-input nor gate with both inputs inverted 001aab585 b b 6 y c 1 5 2 4 3 y y c b c v cc figure 7.? 2-input nand gate with input b inverted or 2-input or gate with inverted c input downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 5 / 24 001aab586 a a 6 y c 1 5 2 4 3 y y c a c v cc figure 8.? 2-input nand gate with input c inverted or 2-input or gate with inverted a input 001aab587 a 6 c 1 5 2 4 3 y v cc a y c y a c figure 9.? 2-input nor gate or 2-input and gate with both inputs inverted 001aab588 b 6 c 1 5 2 4 3 y v cc y b c figure 10.? 2-input xnor gate 001aab589 a a 6 y 1 5 2 4 3 y v cc figure 11.? inverter 001aab590 b b 6 y 1 5 2 4 3 y v cc figure 12.? buffer downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 6 / 24 8 limiting values table 6.?limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (g round = 0 v). symbol parameter conditions min max unit v cc supply voltage -0.5 +4.6 v i ik input clamping current v i < 0 v -50 - ma v i input voltage [1] -0.5 +4.6 v i ok output clamping current v o < 0 v -50 - ma v o output voltage active mode and power-down mode [1] -0.5 +4.6 v i o output current v o = 0 v to v cc - 20 ma i cc supply current - 50 ma i gnd ground current -50 - ma t stg storage temperature -65 +150 c p tot total power dissipation t amb = -40 c to +125 c [2] - 250 mw [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for sc-88 packages: above 87.5 c the value of p tot derates linearly with 4.0 mw/k. for x2son6 and xson6 packages: above 118 c the value of p tot derates linearly with 7.8 mw/k. 9 recommended operating conditions table 7.?recommended operating conditions symbol parameter conditions min max unit v cc supply voltage 0.8 3.6 v v i input voltage 0 3.6 v active mode 0 v cc v v o output voltage power-down mode; v cc = 0 v 0 3.6 v t amb ambient temperature -40 +125 c downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 7 / 24 10 static characteristics table 8.?static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 c v i = v t+ or v t- i o = -20 a; v cc = 0.8 v to 3.6 v v cc - 0.1 - - v i o = -1.1 ma; v cc = 1.1 v 0.75 v cc - - v i o = -1.7 ma; v cc = 1.4 v 1.11 - - v i o = -1.9 ma; v cc = 1.65 v 1.32 - - v i o = -2.3 ma; v cc = 2.3 v 2.05 - - v i o = -3.1 ma; v cc = 2.3 v 1.9 - - v i o = -2.7 ma; v cc = 3.0 v 2.72 - - v v oh high-level output voltage i o = -4.0 ma; v cc = 3.0 v 2.6 - - v v i = v t+ or v t- i o = 20 a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.31 v i o = 1.9 ma; v cc = 1.65 v - - 0.31 v i o = 2.3 ma; v cc = 2.3 v - - 0.31 v i o = 3.1 ma; v cc = 2.3 v - - 0.44 v i o = 2.7 ma; v cc = 3.0 v - - 0.31 v v ol low-level output voltage i o = 4.0 ma; v cc = 3.0 v - - 0.44 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.1 a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.2 a i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v - - 0.2 a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v - - 0.5 a i cc additional supply current v i = v cc - 0.6 v; i o = 0 a; v cc = 3.3 v - - 40 a c i input capacitance v i = gnd or v cc ; v cc = 0 v to 3.6 v - 1.1 - pf c o output capacitance v o = gnd; v cc = 0 v - 1.7 - pf downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 8 / 24 symbol parameter conditions min typ max unit t amb = -40 c to +85 c v i = v t+ or v t- i o = -20 a; v cc = 0.8 v to 3.6 v v cc - 0.1 - - v i o = -1.1 ma; v cc = 1.1 v 0.7 v cc - - v i o = -1.7 ma; v cc = 1.4 v 1.03 - - v i o = -1.9 ma; v cc = 1.65 v 1.30 - - v i o = -2.3 ma; v cc = 2.3 v 1.97 - - v i o = -3.1 ma; v cc = 2.3 v 1.85 - - v i o = -2.7 ma; v cc = 3.0 v 2.67 - - v v oh high-level output voltage i o = -4.0 ma; v cc = 3.0 v 2.55 - - v v i = v t+ or v t- i o = 20 a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.37 v i o = 1.9 ma; v cc = 1.65 v - - 0.35 v i o = 2.3 ma; v cc = 2.3 v - - 0.33 v i o = 3.1 ma; v cc = 2.3 v - - 0.45 v i o = 2.7 ma; v cc = 3.0 v - - 0.33 v v ol low-level output voltage i o = 4.0 ma; v cc = 3.0 v - - 0.45 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.5 a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.5 a i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v - - 0.6 a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v - - 0.9 a i cc additional supply current v i = v cc - 0.6 v; i o = 0 a; v cc = 3.3 v - - 50 a downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 9 / 24 symbol parameter conditions min typ max unit t amb = -40 c to +125 c v i = v t+ or v t- i o = -20 a; v cc = 0.8 v to 3.6 v v cc - 0.11 - - v i o = -1.1 ma; v cc = 1.1 v 0.6 v cc - - v i o = -1.7 ma; v cc = 1.4 v 0.93 - - v i o = -1.9 ma; v cc = 1.65 v 1.17 - - v i o = -2.3 ma; v cc = 2.3 v 1.77 - - v i o = -3.1 ma; v cc = 2.3 v 1.67 - - v i o = -2.7 ma; v cc = 3.0 v 2.40 - - v v oh high-level output voltage i o = -4.0 ma; v cc = 3.0 v 2.30 - - v v i = v t+ or v t- i o = 20 a; v cc = 0.8 v to 3.6 v - - 0.11 v i o = 1.1 ma; v cc = 1.1 v - - 0.33 v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.41 v i o = 1.9 ma; v cc = 1.65 v - - 0.39 v i o = 2.3 ma; v cc = 2.3 v - - 0.36 v i o = 3.1 ma; v cc = 2.3 v - - 0.50 v i o = 2.7 ma; v cc = 3.0 v - - 0.36 v v ol low-level output voltage i o = 4.0 ma; v cc = 3.0 v - - 0.50 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.75 a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.75 a i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v - - 0.75 a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v - - 1.4 a i cc additional supply current v i = v cc - 0.6 v; i o = 0 a; v cc = 3.3 v - - 75 a downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 10 / 24 11 dynamic characteristics table 9.?dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit, see figure 14 . 25 c -40 c to +125 c symbol parameter conditions min typ [1] max min max (85 c) max (125 c) unit c l = 5 pf a, b and c to y; see figure 13 [2] v cc = 0.8 v - 22.6 - - - - ns v cc = 1.1 v to 1.3 v 2.8 6.5 12.6 2.5 13.0 13.2 ns v cc = 1.4 v to 1.6 v 2.2 4.6 7.6 2.5 8.2 8.6 ns v cc = 1.65 v to 1.95 v 2.1 3.9 6.2 2.0 6.8 7.2 ns v cc = 2.3 v to 2.7 v 2.0 3.1 4.5 1.8 5.1 5.3 ns t pd propagation delay v cc = 3.0 v to 3.6 v 1.8 2.8 3.9 1.5 4.1 4.3 ns c l = 10 pf a, b and c to y; see figure 13 [2] v cc = 0.8 v - 26.1 - - - - ns v cc = 1.1 v to 1.3 v 3.2 7.3 14.4 2.8 14.9 15.2 ns v cc = 1.4 v to 1.6 v 2.6 5.2 8.7 2.8 9.3 9.8 ns v cc = 1.65 v to 1.95 v 2.5 4.5 7.0 2.2 7.8 8.2 ns v cc = 2.3 v to 2.7 v 2.4 3.7 5.2 2.1 5.9 6.2 ns t pd propagation delay v cc = 3.0 v to 3.6 v 2.3 3.4 4.6 1.9 4.9 5.1 ns c l = 15 pf a, b and c to y; see figure 13 [2] v cc = 0.8 v - 31.6 - - - - ns v cc = 1.1 v to 1.3 v 3.4 8.0 15.7 3.1 16.7 17.0 ns v cc = 1.4 v to 1.6 v 2.8 5.7 9.4 3.1 10.4 10.9 ns v cc = 1.65 v to 1.95 v 2.6 4.9 7.7 2.5 8.7 9.2 ns v cc = 2.3 v to 2.7 v 2.6 4.1 5.7 2.4 6.5 6.9 ns t pd propagation delay v cc = 3.0 v to 3.6 v 2.5 3.8 5.0 2.2 5.5 5.7 ns downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 11 / 24 25 c -40 c to +125 c symbol parameter conditions min typ [1] max min max (85 c) max (125 c) unit c l = 30 pf a, b and c to y; see figure 13 [2] v cc = 0.8 v - 37.8 - - - - ns v cc = 1.1 v to 1.3 v 4.6 10.4 20.9 3.9 21.8 22.3 ns v cc = 1.4 v to 1.6 v 3.6 7.4 12.2 3.8 13.4 14.1 ns v cc = 1.65 v to 1.95 v 3.5 6.2 9.9 3.1 11.1 11.8 ns v cc = 2.3 v to 2.7 v 3.4 5.2 7.4 3.1 8.3 8.8 ns t pd propagation delay v cc = 3.0 v to 3.6 v 3.2 4.9 6.6 2.8 7.0 7.4 ns c l = 5 pf, 10 pf, 15 pf and 30 pf f i = 1 mhz; v i = gnd to v cc [3] [4] v cc = 0.8 v - 2.6 - - - - pf v cc = 1.1 v to 1.3 v - 2.8 - - - - pf v cc = 1.4 v to 1.6 v - 2.9 - - - - pf v cc = 1.65 v to 1.95 v - 3.1 - - - - pf v cc = 2.3 v to 2.7 v - 3.7 - - - - pf c pd power dissipation capacitance v cc = 3.0 v to 3.6 v - 4.3 - - - - pf [1] all typical values are measured at nominal v cc . [2] t pd is the same as t plh and t phl . [3] all specified values are the average typical values over all stated loads. [4] c pd is used to determine the dynamic power dissipation (p d in w). p d = c pd x v cc 2 x f i x n + (c l x v cc 2 x f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; (c l x v cc 2 x f o ) = sum of the outputs. downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 12 / 24 11.1 waveforms and test circuit y output a, b, c input y output gnd v i v oh v oh v ol v ol v m v m v m v m v m v m t plh t plh t phl t phl 001aab593 measurement points are given in table 10 . v ol and v oh are typical output voltage levels that occur with the output load. figure 13.? input a, b and c to output y propagation delay times table 10.?measurement points supply voltage output input v cc v m v m v i t r = t f 0.8 v to 3.6 v 0.5 x v cc 0.5 x v cc v cc 3.0 ns 001aac521 dut r t v i v o v ext v cc r l 5 k c l g test data is given in table 11 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. figure 14.? test circuit for measuring switching times downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 13 / 24 table 11.?test data supply voltage load v ext v cc c l r l [1] t plh , t phl t pzh , t phz t pzl , t plz 0.8 v to 3.6 v 5 pf, 10 pf, 15 pf and 30 pf 5 k or 1 m open gnd 2 x v cc [1] for measuring enable and disable times, r l = 5 k. for measuring propagation delays, set-up and hold times, and pulse width, r l = 1 m. 11.2 transfer characteristics table 12.?transfer characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 14 . 25 c -40 c to +125 c symbol parameter conditions min typ max min max (85 c) max (125 c) unit see figure 15 and figure 16 v cc = 0.8 v 0.30 - 0.60 0.30 0.60 0.62 v v cc = 1.1 v 0.53 - 0.90 0.53 0.90 0.92 v v cc = 1.4 v 0.74 - 1.11 0.74 1.11 1.13 v v cc = 1.65 v 0.91 - 1.29 0.91 1.29 1.31 v v cc = 2.3 v 1.37 - 1.77 1.37 1.77 1.80 v v t+ positive-going threshold voltage v cc = 3.0 v 1.88 - 2.29 1.88 2.29 2.32 v see figure 15 and figure 16 v cc = 0.8 v 0.10 - 0.60 0.10 0.60 0.60 v v cc = 1.1 v 0.26 - 0.65 0.26 0.65 0.65 v v cc = 1.4 v 0.39 - 0.75 0.39 0.75 0.75 v v cc = 1.65 v 0.47 - 0.84 0.47 0.84 0.84 v v cc = 2.3 v 0.69 - 1.04 0.69 1.04 1.04 v v t- negative-going threshold voltage v cc = 3.0 v 0.88 - 1.24 0.88 1.24 1.24 v (v t+ - v t- ); see figure 15 , figure 16 , figure 17 and figure 18 v cc = 0.8 v 0.07 - 0.50 0.07 0.50 0.50 v v cc = 1.1 v 0.08 - 0.46 0.08 0.46 0.46 v v cc = 1.4 v 0.18 - 0.56 0.18 0.56 0.56 v v cc = 1.65 v 0.27 - 0.66 0.27 0.66 0.66 v v cc = 2.3 v 0.53 - 0.92 0.53 0.92 0.92 v v h hysteresis voltage v cc = 3.0 v 0.79 - 1.31 0.79 1.31 1.31 v downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 14 / 24 11.3 waveform transfer characteristics mna207 v o v i v h v t+ v t- figure 15.? transfer characteristic mna208 v o v i v h v t+ v t- v t+ and v t- limits at 70 % and 20 %. figure 16.? definition of v t+ , v t- and v h v i (v) 0 2.0 1.6 0.8 1.2 0.4 001aad691 80 160 240 i cc (a) 0 figure 17.? typical transfer characteristics; v cc = 1.8 v 001aad692 v i (v) 0 3.0 2.0 1.0 400 800 1200 i cc (a) 0 figure 18.? typical transfer characteristics; v cc = 3.0 v downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 15 / 24 12 package outline references outline version european projection issue date iec jedec jeita sot363 sc-88 w b m b p d e 1 e pin 1 index a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 1 3 2 4 5 6 plastic surface-mounted package; 6 leads sot363 unit a 1 max b p c d e e 1 h e l p q y w v mm 0.1 0.30 0.20 2.2 1.8 0.25 0.10 1.35 1.15 0.65 e 1.3 2.2 2.0 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.25 0.15 a 1.1 0.8 04-11-08 06-03-16 figure 19.? package outline sot363 (sc-88) downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 16 / 24 references outline version european projection issue date iec jedec jeita sot886 mo-252 sot886_po 04-07-22 12-01-05 unit mm max nom min 0.5 0.04 1.50 1.45 1.40 1.05 1.00 0.95 0.35 0.30 0.27 0.40 0.35 0.32 0.6 a (1) dimensions (mm are the original dimensions) notes 1. including plating thickness. 2. can be visible in some manufacturing processes. xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm sot886 a 1 b 0.25 0.20 0.17 d e e e 1 0.5 l l 1 terminal 1 index area d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale 1 6 2 5 3 4 6x (2) 4x (2) a figure 20.? package outline sot886 (xson6) downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 17 / 24 terminal 1 index area references outline version european projection issue date iec jedec jeita sot891 sot891 05-04-06 07-05-15 xson6: plastic extremely thin small outline package; no lea ds; 6 terminals; body 1 x 1 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale dimensions (mm are the original dimensions) unit mm 0.20 0.12 1.05 0.95 0.35 0.27 a 1 max b e 1.05 0.95 d e e 1 l 0.40 0.32 l 1 0.35 0.55 a max 0.5 0.04 16 25 34 a 6 (1) 4 (1) note 1. can be visible in some manufacturing processes. figure 21.? package outline sot891 (xson6) downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 18 / 24 references outline version european projection issue date iec jedec jeita sot1115 sot1115_po 10-04-02 10-04-07 unit mm max nom min 0.35 0.04 0.95 0.90 0.85 1.05 1.00 0.95 0.55 0.3 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. xson6: extremely thin small outline package; no leads; 6 terminals; body 0.9 x 1.0 x 0.35 mm sot1115 a 1 b 0.20 0.15 0.12 d e e e 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4) (2) e 1 e 1 e l l 1 b3 2 1 6 5 4 (6) (2) a 1 a figure 22.? package outline sot1115 (xson6) downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 19 / 24 references outline version european projection issue date iec jedec jeita sot1202 sot1202_po 10-04-02 10-04-06 unit mm max nom min 0.35 0.04 1.05 1.00 0.95 1.05 1.00 0.95 0.55 0.35 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. xson6: extremely thin small outline package; no leads; 6 terminals; body 1.0 x 1.0 x 0.35 mm sot1202 a 1 b 0.20 0.15 0.12 d e e e 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4) (2) e 1 e 1 e l b 1 2 3 l 1 6 5 4 (6) (2) a a 1 figure 23.? package outline sot1202 (xson6) downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 20 / 24 references outline version european projection issue date iec jedec jeita sot1255 sot1255_po 15-07-20 15-07-22 unit mm max nom min 0.35 0.04 0.30 0.85 0.20 0.10 0.05 a dimensions (mm are the original dimensions) x2son6: plastic thermal enhanced extremely thin small ou tline package; no leads; 6 terminals; body 1.0 x 0.8 x 0.35 mm sot1255 a 1 d 1.05 d h e e 1 e 2 b 0.25 l v y 0.05 y 1 0.32 0.02 0.25 0.80 0.60 0.40 1.00 0.17 0.22 0.30 0.00 0.22 0.75 0.95 0.25 0.30 0 1 mm scale a b pin 1 id area x l (4x) e 1 1 6 dh (2x) 3 4 5 2 e 2 a b v d e c y c y 1 detail x a a1 b (4x) figure 24.? package outline sot1255 (x2son6) downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 21 / 24 13 abbreviations table 13.?abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mm machine model 14 revision history table 14.?revision history document id release date data sheet status change notice supersedes 74aup1g57 v.8 20180223 product data sheet - 74aup1g57 v.7 modifications: ? the format of this data sheet has been redesigned to comply with the identity guidelines of nexperia. ? legal texts have been adapted to the new company name where appropriate. 74aup1g57 v.7 20150916 product data sheet - 74aup1g57 v.6 modifications: ? added type number 74AUP1G57GX (sot1255/x2son6). 74aup1g57 v.6 20120815 product data sheet - 74aup1g57 v.5 modifications: ? package outline drawing of sot886 (figure 20) modified. 74aup1g57 v.5 20111125 product data sheet - 74aup1g57 v.4 74aup1g57 v.4 20100720 product data sheet - 74aup1g57 v.3 74aup1g57 v.3 20090622 product data sheet - 74aup1g57 v.2 74aup1g57 v.2 20090323 product data sheet - 74aup1g57 v.1 74aup1g57 v.1 20061123 product data sheet - - downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 22 / 24 15 legal information 15.1 data sheet status document status [1][2] product status [3] definition objective [short] data sheet development this document contains data from the objective specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document w as published and may differ in case of multiple devices. the latest product status information is available on the internet at url http://www.nexper ia.com . 15.2 definitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nexperia does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nexperia sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification the information and data provided in a product data sheet shall define the specification of the product as agreed between nexperia and its customer, unless nexperia and customer have explicitly agreed otherwise in writing. in no event however, shall an agreement be valid in which the nexperia product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability information in this document is believed to be accurate and reliable. however, nexperia does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. nexperia takes no responsibility for the content in this document if provided by an information source outside of nexperia. in no event shall nexperia be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nexperia's aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nexperia. right to make changes nexperia reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nexperia products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nexperia product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nexperia and its suppliers accept no liability for inclusion and/or use of nexperia products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nexperia makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nexperia products, and nexperia accepts no liability for any assistance with applications or customer product design. it is customers sole responsibility to determine whether the nexperia product is suitable and fit for the customers applications and products planned, as well as for the planned application and use of customers third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nexperia does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customers applications or products, or the application or use by customers third party customer(s). customer is responsible for doing all necessary testing for the customers applications and products using nexperia products in order to avoid a default of the applications and the products or of the application or use by customers third party customer(s). nexperia does not accept any liability in this respect. limiting values stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale nexperia products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nexperia.com/profile/terms, unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nexperia hereby expressly objects to applying the customers general terms and conditions with regard to the purchase of nexperia products by customer. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate 74aup1g57 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2018. all rights reserved. product data sheet rev. 8 23 february 2018 23 / 24 non-automotive qualified products unless this data sheet expressly states that this specific nexperia product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nexperia accepts no liability for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nexperia's warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nexperia's specifications such use shall be solely at customers own risk, and (c) customer fully indemnifies nexperia for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond nexperia's standard warranty and nexperia's product specifications. translations a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 15.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. downloaded from: http:///
nexperia 74aup1g57 low-power configurable multiple function gate please be aware that important notices concerning this document and the product(s) described herein, have been included in section 'legal information'. ? nexperia b.v. 2018. all rights reserved. for more information, please visit: http://www.nexperia.com for sales office addresses, please send an email to: salesaddresses@nexperia.com date of release: 23 february 2018 document identifier: 74aup1g57 contents 1 general description ....................................... ..... 1 2 features and benefits ........................................ .1 3 ordering information ..................................... ..... 2 4 marking .............................................. ...................2 5 functional diagram ...................................... ....... 2 6 pinning information ................................... ......... 3 6.1 pinning ............................................... ................ 3 6.2 pin description ............................................. ...... 3 7 functional description ................................... .....4 7.1 logic configurations ...........................................4 8 limiting values ........................................ ............ 6 9 recommended operating conditions ................ 6 10 static characteristics .......................................... 7 11 dynamic characteristics ...................................10 11.1 waveforms and test circuit .............................. 12 11.2 transfer characteristics ................................... 13 11.3 waveform transfer characteristics ................... 14 12 package outline ......................................... ........15 13 abbreviations ........................................... ......... 21 14 revision history ......................................... ....... 21 15 legal information ....................................... ....... 22 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 74AUP1G57GX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X